PART |
Description |
Maker |
TC511402AJ-60 TC511402AP-60 TC511402ASJ-60 TC51140 |
1,048,576 x 4 BIT DYNAMIC RAM 1048576 x 4 BIT DYNAMIC RAM Darlington Array IC; Transistor Polarity:NPN; Number of Transistors:7; Collector Emitter Voltage, Vceo:1.3V; Package/Case:16-DIP
|
http:// Toshiba Semiconductor Toshiba Corporation
|
Q67100-Q527 Q67100-Q1056 Q67100-Q519 Q67100-Q518 Q |
1 M x 1-Bit Dynamic RAM Low Power 1 M 1-Bit Dynamic RAM 1个M × 1位动态随机存储器的低功个M位动态随机存储器 1 M x 1-Bit Dynamic RAM Low Power 1 M 1-Bit Dynamic RAM 1 M x 1-Bit Dynamic RAM Low Power 1 M ′ 1-Bit Dynamic RAM
|
SIEMENS AG Siemens Semiconductor Group
|
M5M4416P M5M4416P-12 M5M4416P-15 |
65536 Bit (16384 Word by 4 Bit) Dynamic Ram 65,536-BIT (16,384-WORD BY 4-BIT) DYNAMIC RAM
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
HYM322005GS-60 HYM322005GS-50 HYM322005S-60 HYM322 |
2M x 32-Bit Dynamic RAM Module 2M x 32 Bit EDO DRAM Module 2M x 32 Bit DRAM Module 2M x 32-Bit Dynamic RAM Module (Hyper Page Mode - EDO Version) From old datasheet system 2M x 32-Bit Dynamic RAM Module 2M X 32 EDO DRAM MODULE, 50 ns, SMA72
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
MSC23S4721E-8BS18 MSC23S4721E |
4,194,304 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK): 4194304 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK): From old datasheet system 4194304 Word x 72 Bit Synchronous Dynamic RAM Module (2BANK)(4M字2位同步动态RAM模块) 4194304 Word x 72 Bit Synchronous Dynamic RAM Module (2BANK)(4M字72位同步动态RAM模块)
|
OKI electronic componet... OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
HYB5116405BJ-50 HYB5116405BJ-60 HYB5117405BJ-70 HY |
4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M X 4 EDO DRAM, 70 ns, PDSO24 POWERLINE: RP12-S_DA - 2:1 Wide Input Voltage Range- 12 Watts Output Power- 1.6kVDC Isolation- Over Current Protection- Five-Sided Continuous Shield- Standard DIP24 and SMD-Pinning- Efficiency to 88% 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS A G SIEMENS AG http:// Siemens Semiconductor G...
|
HYB3116405BT-50 HYB5117405BJ-50 HYB3117405BJ-50 HY |
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 10K/REEL-7IN-PA 4M X 4 EDO DRAM, 60 ns, PDSO24 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M X 4 EDO DRAM, 60 ns, PDSO24 4M×4-Bit Dynamic RAM(2k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (2K刷新,超级页面EDO)) 4M×4-Bit Dynamic RAM(4k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (4K刷新,超级页面EDO)) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS AG http:// Siemens Semiconductor Group
|
Q67100-Q2012 HYB514400BJ-70 HYB514400BJL-60 HYB514 |
1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
|
http:// SIEMENS AG Siemens Semiconductor G...
|
MK31VT464-10YE |
4194304 Word x 64 Bit Synchronous Dynamic RAM Module (1BANK)(4M瀛??4浣??姝ュ???AM妯″?) 4194304 Word x 64 Bit Synchronous Dynamic RAM Module (1BANK)(4M字64位同步动态RAM模块) 4194304 Word x 64 Bit Synchronous Dynamic RAM Module (1BANK)(4M字4位同步动态RAM模块) From old datasheet system
|
OKI SEMICONDUCTOR CO., LTD.
|
HYM72V8030GS-60 HYM72V8030GS-50 HYM72V8020GS-60 HY |
8M x 72 Bit ECC FPM DRAM Module buffered 8M x 72-Bit Dynamic RAM Module (ECC - Module) 8M x 72-Bit Dynamic RAM Module 8M X 72 FAST PAGE DRAM MODULE, 60 ns, DMA168 Tools, Hand Crimp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|